Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R99 (63h)
AGC Control
1
15
AGC_PWR_ENA
1
Enable AGC Power Limit Mode
0 = Disabled
1 = Enabled
12
AGC_PWR_AVG
0
AGC Power Measurement mode
0 = Instantaneous power
1 = RMS power
11:8
AGC_PWR_THR [2:0]
0000
AGC Power Limit Threshold
Sets the output level at which
Power limiting will be applied.
Assumes RMS power mode and
8ohm speaker.
0000 = 300mW
0001 = 350mW
0010 = 400mW
0011 = 450mW
0100 = 500mW
0101 = 550mW
0110 = 600mW
0111 = 650mW
1000 = 700mW
1001 = 750mW
1010 = 800mW
1011 = 850mW
1100 = 900mW
1101 = 950mW
1110 = 1000mW
1111 = 1050mW
6:4
AGC_PWR_ATK [2:0]
000
AGC Power Limiting Attack Rate
Sets the rate of AGC gain reduction
when power limiting is applied
000 = 120ms/6dB
001 = 480ms/6dB
010 = 840ms/6dB
011 = 1200ms/6dB
100 = 1680ms/6dB
101 = 2040ms/6dB
110 = 2760ms/6dB
111 = 4080ms/6dB
2:0
AGC_PWR_DCY [2:0]
000
AGC Power Limiting Decay Rate
Sets the rate of AGC gain
increments after a period of power
limiting
000 = 1080ms/6dB
001 = 1200ms/6dB
010 = 1320ms/6dB
011 = 1680ms/6dB
100 = 2040ms/6dB
101 = 2760ms/6dB
110 = 4080ms/6dB
111 = 8160ms/6dB
Table 14 AGC Power Limit Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com