Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 72 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 72 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
72
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R85 (55h)
DC Servo 1
11:5
DCS_SERIES_
NO_01[6:0]
010_1010 Number of DC Servo updates to perform in a series
event.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
3:0
DCS_TIMER_P
ERIOD_01[3:0]
1010
Time between periodic updates. Time is calculated as
0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
Register 55h
DC Servo 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R87 (57h)
DC Servo 3
15:8
DCS_DAC_WR
_VAL_1[7:0]
0000_0000 DC Offset value for HPOUT1R in DAC Write DC Servo
mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
7:0
DCS_DAC_WR
_VAL_0[7:0]
0000_0000 DC Offset value for HPOUT1L in DAC Write DC Servo
mode.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 57h
DC Servo 3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R88 (58h)
DC Servo
Readback 0
9:8
DCS_CAL_CO
MPLETE[1:0]
00
DC Servo Complete status
0 = DAC Write or Start-Up DC Servo mode not
completed.
1 = DAC Write or Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
5:4
DCS_DAC_WR
_COMPLETE[1
:0]
00
DC Servo DAC Write status
0 = DAC Write DC Servo mode not completed.
1 = DAC Write DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
1:0
DCS_STARTU
P_COMPLETE[
1:0]
00
DC Servo Start-Up status
0 = Start-Up DC Servo mode not completed.
1 = Start-Up DC Servo mode complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
Register 58h
DC Servo Readback 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com