Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
10
Test Conditions
SVDD = 3.6V, HPVDD=1.8V, GND=0V, TA = +25
oC, 1kHz signal, PGA gain = 0dB unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input / Output
Input HIGH Level
0.7
HPVDD
V
Input LOW Level
0.3
HPVDD
V
Output HIGH Level
IOL=1mA
0.7
HPVDD
V
Output LOW Level
IOH=-1mA
0.3
HPVDD
V
Maximum Signal Level
2.7
V
Input capacitance
10
pF
Input leakage
-0.9
0.9
uA
Start-Up Time
Start up time
Speaker and Headphone
35
ms
Note 1: Total system PSRR with external DC-DC or LDO will be higher.
TERMINOLOGY
1.
Signal-to-Noise Ratio (dB) – SNR is a measure of the difference in level between the maximum full scale output signal
and the output with no input signal applied.
2.
Total Harmonic Distortion (dB) – THD is the level of the rms value of the sum of harmonic distortion products relative
to the amplitude of the measured output signal.
3.
Total Harmonic Distortion plus Noise (dB) – THD+N is the level of the rms value of the sum of harmonic distortion
products plus noise in the specified bandwidth relative to the amplitude of the measured output signal.
4.
Crosstalk (L/R) (dB) – left-to-right and right-to-left channel crosstalk is the measured signal level in the idle channel at
the test signal frequency relative to the signal level at the output of the active channel. The active channel is
configured and supplied with an appropriate input signal to drive a full scale output, with signal measured at the output
of the associated idle channel.
5.
Mute Attenuation – This is a measure of the difference in level between the full scale output signal and the output with
mute applied.
6.
All performance measurements carried out with 20kHz low pass filter, and where noted an A-weighted filter. Failure to
use such a filter will result in higher THD and lower SNR readings than are found in the Electrical Characteristics. The
low pass filter removes out of band noise; although it is not audible it may affect dynamic specification values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com