Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 69 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 69 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
69
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
0
IN2B_TO_SPK
MIX
0
IN2B to SPKMIX enable
0 = Disabled
1 = Enabled
Register 36h
Speaker Mixer
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R57 (39h)
AntiPOP2
3
VMID_BUF_EN
A
1
VMID Buffer Enable
0 = Disabled
1 = Enabled
0
VMID_ENA
1
Enable VMID master bias current source
0 = Disabled
1 = Enabled
Register 39h
AntiPOP2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R70 (46h)
Write
Sequencer 0
8
WSEQ_ENA
0
Write Sequencer Enable.
0 = Disabled
1 = Enabled
3:0
WSEQ_WRITE
_INDEX[3:0]
0000
Sequence Write Index. This is the memory location to
which any updates to R71 and R72 will be copied.
0 to 15 = RAM addresses
Register 46h
Write Sequencer 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R71 (47h)
Write
Sequencer 1
14:12
WSEQ_DATA_
WIDTH[2:0]
000
Width of the data block written in this sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA_
START[3:0]
0000
Bit position of the LSB of the data block written in this
sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR[
7:0]
0000_0000 Control Register Address to be written to in this
sequence step.
Register 47h
Write Sequencer 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R72 (48h)
Write
Sequencer 2
14
WSEQ_EOS
0
End of Sequence flag. This bit indicates whether the
Control Write Sequencer should stop after executing
this step.
0 = Not end of sequence
1 = End of sequence (Stop the sequencer after this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com