Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 84Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
80
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is
chosen. For example, if we know the speaker impedance is 8Ω and the desired cut-off frequency is
20kHz, then the optimum speaker inductance may be calculated as:
8
 loudspeakers typically have an inductance in the range 20H to 100H, however, it should be
noted that a loudspeaker inductance will not be constant across the relevant frequencies for Class D
operation (up to and beyond the Class D switching frequency). Care should be taken to ensure that
the cut-off frequency of the loudspeaker’s filtering is low enough to suppress the high frequency
energy of the Class D switching and, in so doing, to prevent speaker damage. The Class D outputs of
the WM9093 operate at much higher frequencies than is recommended for most speakers and it must
be ensured that the cut-off frequency is low enough to protect the speaker.
RECOMMENDED EXTERNAL COMPONENTS DIAGRAM
Figure 20 below provides a summary of recommended external components for WM9093. Note that
the diagram does not include any components that are specific to the end application e.g. they do not
include filtering on the speaker outputs (assume filterless class D operation), RF decoupling, or RF
filtering for pins which connect to the external world i.e. headphone or speaker outputs.
Figure 20 Recommended External Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com