Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 8 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 8 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
8
Test Conditions
SVDD = 3.6V, HPVDD=1.8V, GND=0V, TA = +25
oC, 1kHz signal, PGA gain = 0dB unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Speaker Output Programmable Gain SPKOUTLBOOST
Programmable Gain
SPKOUTLBOOST=111,SPK_ATTN_FB=0
11.5
12
12.5
dB
SPKOUTLBOOST=110,SPK_ATTN_FB=0
8.5
9
9.5
dB
SPKOUTLBOOST=101,SPK_ATTN_FB=0
7
7.5
8
dB
SPKOUTLBOOST=100,SPK_ATTN_FB=0
5.5
6
6.5
dB
SPKOUTLBOOST=011,SPK_ATTN_FB=0
4
4.5
5
dB
SPKOUTLBOOST=010,SPK_ATTN_FB=0
2.5
3
3.5
dB
SPKOUTLBOOST=001,SPK_ATTN_FB=0
1
1.5
2
dB
SPKOUTLBOOST=000,SPK_ATTN_FB=0
-0.75
0
0.75
dB
SPKOUTLBOOST=111,SPK_ATTN_FB=1
-0.75
0
0.75
dB
SPKOUTLBOOST=110,SPK_ATTN_FB=1
-3.5
-3
-2.5
dB
SPKOUTLBOOST=101,SPK_ATTN_FB=1
-5
-4.5
-4
dB
SPKOUTLBOOST=100,SPK_ATTN_FB=1
-6.5
-6
-5.5
dB
SPKOUTLBOOST=011,SPK_ATTN_FB=1
-8
-7.5
-7
dB
SPKOUTLBOOST=010,SPK_ATTN_FB=1
-9.5
-9
-8.5
dB
SPKOUTLBOOST=001,SPK_ATTN_FB=1
-11
-10.5
-10
dB
SPKOUTLBOOST=000,SPK_ATTN_FB=1
-12.5
-12
-11.5
dB
Headphone Driver Audio Performance (RL = 16)
SNR (A-weighted)
Path from IN1+/- or IN2+/-
90
96
dB
THD (PO=20mW)
-82
dB
THD+N (PO=20mW)
-80
-72
dB
THD (PO=5mW)
-81
dB
THD+N (PO=5mW)
-79
dB
Crosstalk (L/R)
Single-ended mode
72
dB
PSRR
HPVDD with 100mVpk-pk at 217Hz (Note 1)
82
dB
SVDD with 100mVpk-pk at 217Hz
85
dB
DC Offset
Magnitude after DC Servo calibration
0.3
2
mV
Output Power
0.1% THD+N
31
mW
1% THD+N
34
mW
Minimum Headphone Resistance
Normal operation
15

Device survival with load indefinitely applied
1
Headphone Capacitance
With zobel network
2
nF
Quiescent Current
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com