Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 60 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 60 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
60
REGISTER BITS BY ADDRESS
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R0 (00h)
Software
Reset
15:0
SW_RESET[15:0] 1001_0000
_1001_001
1
Writing to this register causes a Software Reset.
Reading from this register will indicate Chip ID.
Register 00h
Software Reset
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R1 (01h)
Power
Managemen
t (1)
12
SPKOUTL_ENA
0
Speaker Output Enable
0 = Disabled
1 = Enabled
9
HPOUT1L_ENA
0
Headphone Output (HPL) input stage enable
0 = Disabled
1 = Enabled
8
HPOUT1R_ENA
0
Headphone Output (HPR) input stage enable
0 = Disabled
1 = Enabled
3
OSC_ENA
0
CLK_SYS Oscillator Enable
0 = Disabled
1 = Enabled
2:1
VMID_RES[1:0]
11
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k divider (for normal operation)
10 = 2 x 250k divider (for low power standby)
11 = 2 x 5k divider (for fast start-up)
0
BIAS_ENA
0
Enables the Normal bias current generator (for all
analogue functions)
0 = Disabled
1 = Enabled
Register 01h
Power Management (1)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R2 (02h)
Power
Managemen
t (2)
15
TSHUT
0
Thermal shutdown status
0 = Normal temperature
1 = Over temperature
14
TSHUT_ENA
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled if an
overtemperature occurs. The thermal sensor must also
be enabled.)
0 = Disabled
1 = Enabled
7
IN1A_ENA
0
IN1A Input PGA Enable
0 = Disabled
1 = Enabled
6
IN1B_ENA
0
IN1B Input PGA Enable
0 = Disabled
1 = Enabled
(Note this is only required for single-ended input on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com