Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
18
INPUT PGA CONFIGURATION
The input PGAs can be configured in single-ended mode or differential mode, using the IN1_DIFF
and IN2_DIFF register bits described in Table 2.
In single-ended mode, an input pin is routed to each individual PGA. In differential mode, a pair of
input pins is routed to PGA IN1A or IN2A.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
IN1 Line
Control
1
IN1_DIFF
1
PGA IN1A and IN1B configuration
0 = Single-ended mode
1 = Differential mode
R23 (17h)
IN2 Line
Control
1
IN2_DIFF
1
PGA IN2A and IN2B configuration
0 = Single-ended mode
1 = Differential mode
Table 2 Input PGA Configuration
INPUT PGA VOLUME CONTROL
Each of the four input PGAs has an independently controlled gain range of -6dB to +18dB. The gains
on the inverting and non-inverting inputs to the PGAs are always equal. Each Input PGA can be
independently muted using the PGA mute bits as described in Table 3.
Note that, in differential mode, PGA IN1B and/or IN2B is not used, and the volume control is provided
on IN1A only (for pins IN1+ and IN1-) or IN2A only (for pins IN2+ and IN2-).
Note also that in single-ended mode there is an additional +6dB gain which must be factored into the
volume control. For example a 0dB volume setting provides 0dB gain in differential mode, but in
single-ended mode it will apply +6dB gain. Therefore in single-ended mode the input PGAs have a
controlled gain range of 0dB to +24dB
To prevent “zipper noise”, a zero-cross function is provided on the input PGAs. When this feature is
enabled, volume updates will not take place until a zero-crossing is detected. In the case of a long
period without zero-crossings, a timeout function is provided. When the zero-cross function is
enabled, the volume will update after the timeout period if no earlier zero-cross has occurred. The
timeout clock is enabled using TOCLK_ENA, the timeout period is set by TOCLK_RATE. See
“Clocking Control” for more information on these fields.
The IN1_VU and IN2_VU bits control the loading of the input PGA volume data. When IN1_VU and
IN2_VU are set to 0, the PGA volume data will be loaded into the respective control register, but will
not actually change the gain setting. The IN1A and IN1B volume settings are both updated when a 1
is written to IN1_VU; the IN2A and IN2B volume settings are both updated when a 1 is written to
IN2_VU. This makes it possible to update the gain of two single-ended input paths simultaneously.
Note that, in differential input modes, the Volume Update control bits IN1_VU and/or IN2_VU should
always be set to 1.
The Input PGA Volume Control register fields are described in Table 3.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
IN1 Line Input
A Volume
8
IN1_VU
N/A
IN1 Volume Update
Writing a 1 to this bit will cause IN1A and
IN1B input PGA volumes to be updated
simultaneously
7
IN1A_MUTE
1
IN1A PGA Mute
0 = Un-Mute
1 = Mute
6
IN1A_ZC
0
IN1A PGA Zero Cross Control
0 = Change gain immediately
1 = Change gain on zero cross only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com