Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 54 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
54
REFERENCE VOLTAGES AND MASTER BIAS
This section describes the analogue reference voltage and bias current controls. It also describes the
VMID soft-start circuit for pop suppressed start-up and shut-down.
The analogue circuits in the WM9093 require a mid-rail analogue reference voltage, VMID. This
reference is generated from HPVDD via a programmable resistor chain. Together with the external
decoupling capacitor (connected to the BIAS pin), the programmable resistor chain results in a slow,
normal or fast charging characteristic on VMID.
VMID is enabled by setting the VMID_ENA register bit. The programmable resistor chain is
configured by VMID_RES[1:0], and can be used to optimise the reference for normal operation, low
power standby or for fast start-up as described in Table 31.
When VMID is enabled using VMID_ENA, the WM9093 automatically controls VMID using a pop-
suppression circuit to avoid a step change in VMID; this suppresses pop/click noise which could
otherwise occur.
By default, the 2 x 5k
 VMID divider is selected in order to allow fast start-up. For normal operation
and lower power consumption, the VMID_RES register should be updated after start-up to select
another resistor value.
The analogue circuits in the WM9093 require a bias current. The normal bias current is enabled by
setting BIAS_ENA. Note that the normal bias current source requires VMID to be enabled also.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
(1)
2:1
VMID_RES
[1:0]
11
VMID Divider Enable and Select
00 = VMID disabled (for OFF mode)
01 = 2 x 50k
 divider (for normal operation)
10 = 2 x 250k
 divider (for low power standby)
11 = 2 x 5k
 divider (for fast start-up)
0
BIAS_ENA
0
Enables the Normal bias current generator (for
all analogue functions)
0 = Disabled
1 = Enabled
R57 (39h)
AntiPOP2
0
VMID_ENA
0
Enable VMID master bias current source
0 = Disabled
1 = Enabled
Table 31 Reference Voltages and Master Bias Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com