Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
35
Figure 5 Zobel Network Components for HPL and HPR
CLOCKING CONTROL
The internal clocks for the WM9093 are derived from a common internal clock source, CLK_SYS.
This clock is the reference for the Control Write Sequencer, Class D switching amplifier, DC servo
control and other internal functions.
CLK_SYS is derived from an internal oscillator; this is controlled by the OSC_ENA register. The
frequency of CLK_SYS is nominally 6MHz; internal dividers generate the other required clocks from
this reference.
A slow clock, TOCLK, is used to set the timeout period for volume updates when zero-cross detect is
used. This clock is derived from CLK_SYS and is enabled by TOCLK_ENA. The slow clock frequency
is
selected
using
the
programmable
dividers
TOCLK_RATE,
TOCLK_RATE_X4
and
TOCLK_RATE_DIV16. See Table 17 for a list of possible TOCLK rates.
The clocking configuration is illustrated in Figure 6. The control registers associated with WM9093
Clocking are defined in Table 16.
OSC_ENA
CLK_SYS
f/N
DC Servo clock
f/N
Class D switching clock
f/N
256kHz clock to
Charge Pump, Control
Write Sequencer and
other circuits
f.N
TOCLK_ENA
Volume update timeout
f/N
f/1024
TOCLK_RATE_X4
0 = f x 1
1 = f x 4
TOCLK_RATE
0 = f / 2
1 = f / 1
Internal
Oscillator
f/N
TOCLK_RATE_DIV16
0 = f / 1
1 = f / 16
Figure 6 Clocking Scheme



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com