Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 29 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 29 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
29
AUTOMATIC GAIN CONTROL (AGC)
The Speaker Output PGA incorporates an Automatic Gain Control (AGC) circuit. This feature
provides an automatic reduction in the speaker path gain in order to prevent clipping or power
overload at the loudspeaker. The AGC circuit provides two separate detection mechanisms to identify
clipping or power overload respectively. Each of these two mechanisms can be independently
configured to suit the loudspeaker characteristics and the desired audio response. The two control
mechanisms operate together to provide a flexible and effective automatic gain control feature.
Note that the ‘Voice Bypass’ path is routed directly to the speaker output driver and is not affected by
the Speaker Output PGA or by the AGC function.
AGC CONTROL
AGC is enabled by setting the AGC_ENA register bit, as defined in Table 12.
The AGC can provide attenuation in the speaker output path – note that it can never apply additional
gain to boost the signal level. The maximum extent of the AGC attenuation can be controlled by
setting the AGC_MINGAIN register. This field sets the lowest gain level that can be selected by the
AGC under signal clipping or power limiting conditions.
When the signal conditions trigger the AGC to apply attenuation, the Speaker PGA gain is controlled
automatically by the AGC. In order to prevent ‘zipper noise’ from the gain adjustment, the PGA gain is
only changed when a signal zero-cross is detected. When AGC_RAMP = 1, then the gain adjustment
is restricted to a single gain step on each zero-cross. When AGC_RAMP = 0, then multiple gain steps
may be applied, if necessary, on each zero-cross.
Selecting single gain steps only will result in a more gradual gain adjustment, but the AGC may also
be slower to remove signal clipping under this selection. Note that the AGC attenuation has a step
size of 0.5dB, providing a high resolution of signal level control.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
(3)
14
AGC_ENA
0
AGC Enable
0 = Disabled
1 = Enabled
R100 (64h)
AGC Control
2
8
AGC_RAMP
0
AGC Ramp Control
Selects how the AGC gain
adjustment is applied
0 = Multiple gains steps per zero-
cross
1 = Single gain step per zero-cross
5:0
AGC_MINGAIN [5:0]
00000
AGC Minimum Gain
-57dB to +6dB in 1dB steps
(See Table 11 for AGC Minimum
Gain range)
Table 12 AGC Control
AGC ANTI-CLIP
The AGC incorporates two mechanisms for monitoring the signal conditions. One of these is the anti-
clip threshold detection. The anti-clip function measures the speaker supply voltage, SVDD, and
compares this with the output signal level. The difference between these voltages is referred to as the
headroom; to avoid clipping, the signal level must always be less than the supply voltage. If the
headroom is small (ie. The signal level is very close to the supply voltage), then clipping and distortion
will occur.
The anti-clip function can be disabled using the AGC_CLIP_ENA bit. It is enabled by default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com