Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
56
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
(3)
8
SPKLVOL_ENA
0
Speaker PGA Enable
0 = Disabled
1 = Enabled
5
MIXOUTL_ENA
0
MIXOUTL Headphone Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_ENA
0
MIXOUTR Headphone Mixer Enable
0 = Disabled
1 = Enabled
3
SPKMIX_ENA
0
SPKMIX Speaker Mixer Enable
0 = Disabled
1 = Enabled
R57 (39h)
AntiPOP2
2
STARTUP_BIAS_
ENA
0
Enables the Start-Up bias current
generator
0 = Disabled
1 = Enabled
R70 (46h)
Write
Sequencer 0
8
WSEQ_ENA
0
Write Sequencer Enable
0 = Disabled
1 = Enabled
R76 (4Ch)
Charge Pump
1
15
CP_ENA
0
Charge Pump Control
0 = Disabled
1 = Enabled
R84 (54h)
DC Servo 0
1
DCS_ENA_CHAN
_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CHAN
_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
Table 32 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com