Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
12
TYPICAL PERFORMANCE
POWER CONSUMPTION
SVDD
HPVDD
iSVDD
iHPVDD
Total Power
(V)
(V)
(
A)
(
A)
(
W)
All supplies except SVDD disabled
3.6
0.0
0.2
0.0
0.72
All supplies enabled
VMID_ENA = 0, VMID_BUF_ENA =
0,
3.6
1.8
0.2
2
4.3
SPKKVDD LDO1VDD iSPKVDD iLDO1VDD Total Power
(V)
(V)
(mA)
(mA)
(mW)
IN1+/IN1- Stereo to Headphone
16ohm load
3.6
1.8
0.00
3.36
6.0
IN2+/IN2- Differential to Speaker Class D
8ohm + 10H, +6dB boost
3.6
1.8
2.54
1.56
12.0
IN3+/IN3- Differential Bypass to Speaker Class
AB
8ohm + 10H, +6dB boost
3.6
1.8
0.97
0.28
4.0
Speaker
Shutdown Leakage
Mode
Other settings
Battery Leakage
Mode
Other settings
Headphone
Notes:
1.
Power in the load is included
2.
All figures are quoted at TA = 25
C
3.
All figures are quoted as quiescent current unless otherwise stated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com