Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 52 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 52 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
52
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
DCS_STARTUP_C
OMPLETE [1:0]
00
DC Servo Start-Up status
0 = Start-Up DC Servo mode not
completed.
1 = Start-Up DC Servo mode
complete.
Bit [1] = HPOUT1R
Bit [0] = HPOUT1L
Table 28 DC Servo Enable and Start-Up Modes
DC SERVO ACTIVE MODES
The DC Servo modes described above are suitable for initialising the DC offset correction circuit on
the Headphone outputs as part of a controlled start-up sequence which is executed before the signal
path is fully enabled. Additional modes are available for use whilst the signal path is active; these
modes may be of benefit following a large change in signal gain, which can lead to a change in DC
offset level. Periodic updates may also be desirable to remove slow drifts in DC offset caused by
changes in parameters such as device temperature.
The DC Servo circuit is enabled on HPOUT1L and HPOUT1R by setting DCS_ENA_CHAN_0 and
DCS_ENA_CHAN_1 respectively, as described earlier in Table 28.
Writing a logic 1 to DCS_TRIG_SINGLE_n initiates a single DC offset measurement and adjustment
to the associated output; (‘n’ = 0 for Left channel, 1 for Right channel). This will adjust the DC offset
correction on the selected channel by no more than 1LSB (0.25mV).
Setting DCS_TIMER_PERIOD_01 to a non-zero value will cause a single DC offset measurement
and adjustment to be scheduled on a periodic basis. Periodic rates ranging from every 0.52s to in
excess of 2hours can be selected.
Writing a logic 1 to DCS_TRIG_SERIES_n initiates a series of DC offset measurements and applies
the necessary correction to the associated output. The number of DC Servo operations performed is
determined by DCS_SERIES_NO_01. A maximum of 128 operations may be selected, though a
much lower value will be sufficient in most applications.
The DC Servo control fields associated with active modes (suitable for use on a signal path that is in
active use) are described in Table 29.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com