Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
17
LINE INPUTS
All of the analogue input pins are designed as line inputs. Four of these pins (IN1+/- and IN2+/-) can
be configured as single-ended or differential inputs, with flexible routing options and gain controls
suitable for many different usage cases. The remaining inputs (IN3+ and IN3-) provide a low-power
signal path direct to the speaker output driver.
The line input pins IN1+ and IN1- provide a differential input path to PGA IN1A. These inputs provide
a high gain path if required for low input signal levels. If required, these input pins can be configured
as two separate single-ended inputs to PGAs IN1A and IN1B respectively. Single ended configuration
is selected by writing a 0 to the IN1_DIFF register bit.
The line input pins IN2+ and IN2- provide a differential input path to PGA IN2A. These inputs provide
a high gain path if required for low input signal levels. If required, these input pins can be configured
as two separate single-ended inputs to PGAs IN2A and IN2B respectively. Single ended configuration
is selected by writing a 0 to the IN2_DIFF register bit.
The line input pins IN3+ and IN3- provide a mono differential ‘voice bypass’ input (eg. From an
external voice CODEC) to the speaker drivers. This provides a low-power option, bypassing the input
and output mixer circuits.
Signal path configuration to the input PGAs is detailed later in this section. Signal path configuration
to the output mixers and speaker mixers is described in “Output Signal Path”.
Note that, by default, the analogue input pins are clamped to VMID in order to prevent audible pops
caused by enabling the input paths. When one or more analogue input path is in use, the respective
input clamp(s) must be disabled using the register bits described under “Power Sequences and Pop
Suppression Control”.
INPUT PGA ENABLE
The Input PGAs are enabled using register bits IN1A_ENA, IN1B_ENA, IN2A_ENA and IN2B_ENA,
as described in Table 1. The Input PGAs must be enabled for line input on the respective input pins.
Note that, for differential input on IN1+ and IN1-, it is not necessary to enable PGA IN1B.
Note that, for differential input on IN2+ and IN2-, it is not necessary to enable PGA IN2B.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
(2)
7
IN1A_ENA
0
IN1A Input PGA Enable
0 = Disabled
1 = Enabled
6
IN1B_ENA
0
IN1B Input PGA Enable
0 = Disabled
1 = Enabled
(Note this is only required for single-ended
input on the IN1- pin)
5
IN2A_ENA
0
IN2A Input PGA Enable
0 = Disabled
1 = Enabled
4
IN2B_ENA
0
IN2B Input PGA Enable
0 = Disabled
1 = Enabled
(Note this is only required for single-ended
input on the IN2- pin)
Table 1 Input PGA Enable
For normal operation of the input PGAs, the reference voltage VMID and the bias current must also
be enabled. See “Reference Voltages and Master Bias” for details of the associated controls
VMID_RES and BIAS_ENA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com