Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 78 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 78 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
78
POWER SUPPLY DECOUPLING
Electrical coupling exists particularly in digital logic systems where switching in one sub-system
causes fluctuations on the power supply. This effect occurs because the inductance of the power
supply acts in opposition to the changes in current flow that are caused by the logic switching. The
resultant variations (or ‘spikes’) in the power supply voltage can cause malfunctions and unintentional
behavior in other components. A decoupling (or ‘bypass’) capacitor can be used as an energy storage
component which will provide power to the decoupled circuit for the duration of these power supply
variations, protecting it from malfunctions that could otherwise arise.
Coupling also occurs in a lower frequency form when ripple is present on the power supply rail
caused by changes in the load current or by limitations of the power supply regulation method. In
audio components such as the WM9093, these variations can alter the performance of the signal
path, leading to degradation in signal quality. A decoupling (or ‘bypass’) capacitor can be used to filter
these effects, by presenting the ripple voltage with a low impedance path that does not affect the
circuit to be decoupled.
These coupling effects are addressed by placing a capacitor between the supply rail and the
corresponding ground reference. In the case of systems comprising multiple power supply rails,
decoupling should be provided on each rail.
The recommended power supply decoupling capacitors for WM9093 are listed below in Table 36.
POWER SUPPLY
DECOUPLING CAPACITOR
HPVDD
2.2
F ceramic
SVDD
0.1
F ceramic (see Note)
Table 36 Power Supply Decoupling Capacitors
Note: 0.1
F is required with 2.2F a guide to the total required power rail capacitance.
All decoupling capacitors should be placed as close as possible to the WM9093 device. The
connection between GND, the HPVDD decoupling capacitor and the main system ground should be
made at a single point as close as possible to the AGND ball of the WM9093.
The BIAS capacitor is not, technically, a decoupling capacitor. However, it does serve a similar
purpose in filtering noise on the VMID reference. The connection between GND, the BIAS decoupling
capacitor and the main system ground should be made at a single point as close as possible to the
GND ball of the WM9093.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
HEADPHONE OUTPUT PATH
The headphone output on WM9093 is ground referenced and therefore does not require the large,
expensive capacitors necessary for VMID-referenced solutions. For best audio performance, it is
recommended to connect a zobel network to the audio output pins. This network should comprise of a
100nF capacitor and 20ohm resistor in series with each other (see “Analogue Outputs” section).
These components have the effect of dampening high frequency oscillations or instabilities that can
arise outside the audio band under certain conditions. Possible sources of these instabilities include
the inductive load of a headphone coil or an active load in the form of an external line amplifier.
CLASS D SPEAKER CONNECTIONS
The WM9093 incorporates a Class D speaker driver. By default, the speaker driver operates in Class
D mode, which offers high amplifier efficiency at large signal levels. As the Class D output is a pulse
width modulated (PWM) signal, the choice of speakers and tracking of signals is critical for ensuring
good performance and reducing EMI in this mode.
The efficiency of the speaker drivers is affected by the series resistance between the WM9093 and
the speaker (e.g. PCB track loss and inductor ESR) as shown in Figure 17. This resistance should be
as low as possible to maximise efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com