Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
42
WSEQ_DATA_WIDTH is a 3-bit field which identifies the width of the data block to be written. This
enables selected portions of a Control Register to be updated without any concern for other bits within
the same register, eliminating the need for read-modify-write procedures. Values of 0 to 7 correspond
to data widths of 1 to 8 respectively. For example, setting WSEQ_DATA_WIDTH = 010 will cause a
3-bit data block to be written. Note that the maximum value of this field corresponds to an 8-bit data
block; writing to register fields greater than 8 bits wide must be performed using two separate
operations of the Control Write Sequencer.
WSEQ_DATA is an 8-bit field which contains the data to be written to the selected Control Register.
The WSEQ_DATA_WIDTH field determines how many of these bits are written to the selected
register; the most significant bits (above the number indicated by WSEQ_DATA_WIDTH) are ignored.
WSEQ_DELAY is a 4-bit field which controls the waiting time between the current step and the next
step in the sequence i.e. the delay occurs after the write in which it was called. The total delay time
per step (including execution) is given by:
T = k × (2
WSEQ_DELAY + 8)
where k = 62.5
s (under recommended operating conditions)
This gives a useful range of execution/delay times from 562
s up to 2.048s per step.
WSEQ_EOS is a 1-bit field which indicates the End of Sequence. If this bit is set, then the Control
Write Sequencer will automatically stop after this step has been executed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R70 (46h)
Write
Sequencer 0
3:0
WSEQ_WRIT
E_INDEX [3:0]
0000
Sequence Write Index. This is the
memory location to which any updates to
R71 and R72 will be copied.
0 to 15 = RAM addresses
R71 (47h)
Write
Sequencer 1
14:12
WSEQ_DATA
_WIDTH [2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA
_START [3:0]
0000
Bit position of the LSB of the data block
written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR
[7:0]
0000_0000
Control Register Address to be written to
in this sequence step.
R72 (48h)
Write
Sequencer 2
14
WSEQ_EOS
0
End of Sequence flag. This bit indicates
whether the Control Write Sequencer
should stop after executing this step.
0 = Not end of sequence
1 = End of sequence (Stop the
sequencer after this step).
11:8
WSEQ_DELA
Y [3:0]
0000
Time delay after executing this step.
Total time per step (including execution)
= 62.5µs × (2
WSEQ_DELAY + 8)
7:0
WSEQ_DATA
[7:0]
0000_0000
Data to be written in this sequence step.
When the data width is less than 8 bits,
then one or more of the MSBs of
WSEQ_DATA are ignored. It is
recommended that unused bits be set to
0.
Table 20 Write Sequencer Control – Programming a Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com