Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 57 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 57 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
57
THERMAL SHUTDOWN
The WM9093 incorporates a temperature sensor which detects when the device temperature is within
normal limits or if the device is approaching a hazardous temperature condition.
The temperature status can be polled at any time by reading the TSHUT register bit. The temperature
sensor can be configured to automatically disable the audio outputs of the WM9093 in response to an
over-temperature condition (approximately 150ºC).
The temperature sensor is enabled by setting the TSHUT_ENA register bit. When the TSHUT_OPDIS
is also set, then a device over-temperature condition will cause the speaker output (OUT+ and OUT-)
to be disabled; this response is likely to prevent any damage to the device attributable to the large
currents of the speaker output driver.
When the temperature sensor is enabled, the temperature status can be read from the TSHUT
register bit.
Note that, to prevent pops and clicks, TSHUT_ENA and TSHUT_OPDIS should only be updated
whilst the speaker and headphone outputs are disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R2 (02h)
Power
Management
(2)
15
TSHUT
(read only)
0
Thermal shutdown status
0 = Normal temperature
1 = Over temperature
14
TSHUT_ENA
1
Thermal sensor enable
0 = Disabled
1 = Enabled
13
TSHUT_OPDIS
1
Thermal shutdown control
(Causes audio outputs to be disabled
if an overtemperature occurs. The
thermal sensor must also be enabled.)
0 = Disabled
1 = Enabled
Table 33 Thermal Shutdown
SOFTWARE RESET AND CHIP ID
A Software Reset can be commanded by writing to Register R0. This is a read-only register field and
the contents will not be affected by writing to this Register.
The Chip ID can be read back from Register R0.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R0 (00h)
Software
Reset
15:0
SW_RESET
[15:0]
9093h
Writing to this register causes a Software
Reset.
Reading from this register will indicate
Chip ID.
Table 34 Chip Reset and ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com