Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
73
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R89 (59h)
DC Servo
Readback 1
7:0
DCS_DAC_WR
_VAL_1_RD[7:
0]
0000_0000 Readback value for HPOUT1R.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 59h
DC Servo Readback 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R90 (5Ah)
DC Servo
Readback 2
7:0
DCS_DAC_WR
_VAL_0_RD[7:
0]
0000_0000 Readback value for HPOUT1L.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Register 5Ah
DC Servo Readback 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R96 (60h)
Analogue
HP 0
7
HPOUT1L_RM
V_SHORT
0
Removes HPOUT1L short
0 = HPOUT1L short enabled
1 = HPOUT1L short removed
Note: Remove short after output stage has been
enabled.
6
HPOUT1L_OU
TP
0
Enables HPOUT1L output stage
0 = Disabled
1 = Enabled
Note: Set after offset correction is complete
5
HPOUT1L_DL
Y
0
Enables HPOUT1L intermediate stage
0 = Disabled
1 = Enabled
Note: Set with at least 20us delay after HPOUT1L_ENA
has been set.
3
HPOUT1R_RM
V_SHORT
0
Removes HPOUT1R short
0 = HPOUT1R short enabled
1 = HPOUT1R short removed
Note: Remove short after output stage has been
enabled.
2
HPOUT1R_OU
TP
0
Enables HPOUT1R output stage
0 = Disabled
1 = Enabled
Note: Set after offset correction is complete
1
HPOUT1R_DL
Y
0
Enables HPOUT1R intermediate stage
0 = Disabled
1 = Enabled
Note: Set with at least 20us delay after HPOUT1R_ENA
has been set.
Register 60h
Analogue HP 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com