Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
14
CONTROL INTERFACE TIMING
Figure 1 Control Interface Timing
Test Conditions
SVDD = 3.6V, HPVDD=1.8V, GND=0V, TA = +25
oC, 1kHz signal, PGA gain = 0dB unless otherwise stated
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLK Frequency
400
kHz
SCLK Low Pulse-Width
t1
1300
ns
SCLK High Pulse-Width
t2
600
ns
Hold Time (Start Condition)
t3
600
ns
Setup Time (Start Condition)
t4
600
ns
Data Setup Time
t5
100
ns
SDAT, SCLK Rise Time
t6
300
ns
SDAT, SCLK Fall Time
t7
300
ns
Setup Time (Stop Condition)
t8
600
ns
Data Hold Time
t9
900
ns
Pulse width of spikes that will be suppressed
tps
0
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com