Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 65 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 65 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 66Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
65
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R28 (1Ch)
Left Output
Volume
8
HPOUT1_VU
N/A
Headphone Output PGA Volume Update
Writing a 1 to this bit will update HPOUT1LVOL and
HPOUT1RVOL volumes simultaneously.
7
HPOUT1L_ZC
0
Left Headphone Output PGA Zero Cross Control
0 = Change gain immediately
1 = Change gain on zero cross only
6
HPOUT1L_MU
TE
0
Left Headphone Output PGA Mute
0 = Un-mute
1 = Mute
5:0
HPOUT1L_VO
L[5:0]
10_1101
Left Headphone Output PGA Volume
-57dB to +6dB in 1dB steps
Register 1Ch
Left Output Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R29 (1Dh)
Right Output
Volume
8
HPOUT1_VU
N/A
Headphone Output PGA Volume Update
Writing a 1 to this bit will update HPOUT1LVOL and
HPOUT1RVOL volumes simultaneously.
7
HPOUT1R_ZC
0
Right Headphone Output PGA Zero Cross Control
0 = Change gain immediately
1 = Change gain on zero cross only
6
HPOUT1R_MU
TE
0
Right Headphone Output PGA Mute
0 = Un-mute
1 = Mute
5:0
HPOUT1R_VO
L[5:0]
10_1101
Right Headphone Output PGA Volume
-57dB to +6dB in 1dB steps
Register 1Dh
Right Output Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R34 (22h)
SPKMIXL
Attenuation
12
SPKOUT_CLA
SSAB_MODE
0
Speaker Class AB Mode Enable
0 = Class D mode (for SPKMIX source)
1 = Class AB mode (for Voice Bypass source)
8
SPKMIX_MUT
E
1
SPKMIX Output mute
0 = Un-Mute
1 = Mute
7:6
IN1A_SPKMIX
_VOL[1:0]
00
IN1A to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
5:4
IN1B_SPKMIX
_VOL[1:0]
00
IN1B to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB
3:2
IN2A_SPKMIX
_VOL[1:0]
00
IN2A to SPKMIX volume control
00 = 0dB
01 = -6dB
10 = -9dB
11 = -12dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com