Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 3Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 4Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 5Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 6Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 7Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 8Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 9Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 10Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
7
ELECTRICAL CHARACTERISTICS
Test Conditions
SVDD = 3.6V, HPVDD=1.8V, GND=0V, TA = +25
oC, 1kHz signal, PGA gain = 0dB unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Pin Maximum Signal Levels
Maximum Full-Scale Input Signal
Level for inputs IN1+/- and IN2+/-
Single-ended input
1.0
Vrms
Differential input
1.0
Vrms
Maximum Full-Scale Input Signal
Level for inputs IN3+/-
Differential input
0.56
Vrms
Analogue Input Pin Resistance
Line Input Resistance
IN1+/- and IN2+/-
Differential or Single- Ended Mode
8
10
15
k
Line Input Resistance
IN3+/- Differential Mode
Note that gain is controlled by
SKOUTLBOOST[2:0] and
SPK_ATTN_FB
Speaker Boost = +12dB
42
k
Speaker Boost = +9dB
60
k
Speaker Boost = +7.5dB
71
k
Speaker Boost = +6dB
85
k
Speaker Boost = +4.5dB
101
k
Speaker Boost = +3dB
120
k
Speaker Boost = +1.5dB
143
k
Speaker Boost = 0dB (SPK_ATTN_FB=0)
170
k
Speaker Boost = 0dB (SPK_ATTN_FB=1)
42
k
Speaker Boost = -3dB
60
k
Speaker Boost = -4.5dB
71
k
Speaker Boost = -6dB
85
k
Speaker Boost = -7.5dB
101
k
Speaker Boost = -9dB
120
k
Speaker Boost = -10.5dB
143
k
Speaker Boost = -12dB
170
k
Input Programmable Gain Amplifiers (PGAs) IN1A, IN1B, IN2A and IN2B
Minimum Programmable Gain
-6
dB
Maximum Programmable Gain
+18
dB
Mute Attenuation
80
dB
Common Mode Rejection Ratio
Differential Mode (217Hz input)
45
dB
Output Programmable Gain Amplifiers (PGAs) SPKVOL, HPOUT1LVOL and HPOUT1RVOL
Minimum Programmable Gain
-57
dB
Maximum Programmable Gain
+6
dB
Programmable Gain Step Size
Guaranteed monotonic
1
dB
Mute Attenuation
HPOUT1LVOL and HPOUT1RVOL
75
dB
SPKVOL
66
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com