Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R70 (46h)
Write
Sequencer 0
8
WSEQ_ENA
0
Write Sequencer Enable
0 = Disabled
1 = Enabled
R73 (49h)
Write
Sequencer 3
9
WSEQ_ABORT
0
Writing a 1 to this bit aborts the
current sequence and returns control
of the device back to the serial
control interface.
8
WSEQ_START
0
Writing a 1 to this bit starts the write
sequencer at the memory location
indicated by the
WSEQ_START_INDEX field. The
sequence continues until it reaches
an “End of sequence” flag. At the end
of the sequence, this bit will be reset
by the Write Sequencer.
5:0
WSEQ_START_
INDEX [5:0]
00_0000
Sequence Start Index. This is the
memory location of the first command
in the selected sequence.
0 to 15 = RAM addresses
16 to 58 = ROM addresses
59 to 63 = Reserved
R74 (4Ah)
Write
Sequencer 4
0
WSEQ_BUSY
(read only)
0
Sequencer Busy flag (Read Only).
0 = Sequencer idle
1 = Sequencer busy
Note: it is not possible to write to
control registers via the control
interface while the Sequencer is
Busy.
R75 (4Bh)
Write
Sequencer 5
5:0
WSEQ_CURRE
NT_INDEX [5:0]
(read only)
00_0000
Sequence Current Index. This is the
location of the most recently
accessed command in the write
sequencer memory.
Table 19 Write Sequencer Control – Initiating a Sequence
PROGRAMMING A SEQUENCE
A sequence consists of write operations to data bits (or groups of bits) within the control registers.
The Register fields associated with programming the Control Write Sequencer are described in Table
20.
For each step of the sequence being programmed, the Sequencer Index must be written to the
WSEQ_WRITE_INDEX field. The values 0 to 15 correspond to all the available RAM addresses
within the Write Sequencer memory. (Note that memory addresses 16 to 58 also exist, but these are
ROM addresses, which are not programmable.)
Having set the Index as described above, Register R71 must be written to (containing the Control
Register Address, the Start Bit Position and the Field Width applicable to this step of the sequence).
Also, Register R72 must be written to (containing the Register Data, the End of Sequence flag and
the Delay time required after this step is executed). After writing to these two registers, the next step
in the sequence may be programmed by updating WSEQ_WRITE_INDEX and repeating the
procedure.
WSEQ_ADDR is an 8-bit field containing the Control Register Address in which the data should be
written.
WSEQ_DATA_START is a 4-bit field which identifies the LSB position within the selected Control
Register to which the data should be written. For example, setting WSEQ_DATA_START = 0100 will
select bit 4 as the LSB position; in this case, 4-bit data would be written to bits 7:4 and so on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com