Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 42Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 43Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 44Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 45Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
46
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
IN3 Line Control
0
IN3_CLAMP
1
IN3+ and IN3- input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
R22 (16h)
IN1 Line Control
0
IN1_CLAMP
1
IN1+ and IN1- input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
R23 (17h)
IN2 Line Control
0
IN2_CLAMP
1
IN2+ and IN2- input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
R57 (39h)
AntiPOP2
3
VMID_BUF_ENA
1
VMID Buffer Enable
0 = Disabled
1 = Enabled
Table 23 Input VMID Clamps
HEADPHONE ENABLE/DISABLE
The ground-referenced headphone outputs implement Wolfson’s SilentSwitch™ technology to
minimise pop noise associated with enabling and disabling. The output pins HPL and HPR are
shorted to GND by default while the individual driver stages are enabled. As a final step the short
circuit
is
then
removed
on
each
of
these
paths
by
setting
the applicable
fields
HPOUT1L_RMV_SHORT and HPOUT1R_RMV_SHORT.
The ground-referenced Headphone output drivers are designed to suppress pops and clicks when
enabled or disabled. However, it is necessary to control the drivers in accordance with a defined
sequence in start-up and shut-down to achieve the pop suppression. It is also necessary to schedule
the DC Servo offset correction at the appropriate point in the sequence (see “DC Servo”). Table 24
and Table 25 describe the recommended sequences for enabling and disabling these output drivers.
SEQUENCE
HEADPHONE ENABLE
Step 1
HPOUT1L_ENA = 1
HPOUT1R_ENA = 1
Step 2
HPOUT1L_DLY = 1
HPOUT1R_DLY = 1
Step 3
DC offset correction
Step 4
HPOUT1L_OUTP = 1
HPOUT1L_RMV_SHORT = 1
HPOUT1R_OUTP = 1
HPOUT1R_RMV_SHORT = 1
Table 24 Headphone Output Enable Sequence
SEQUENCE
HEADPHONE DISABLE
Step 1
HPOUT1L_RMV_SHORT = 0
HPOUT1L_DLY = 0
HPOUT1L_OUTP = 0
HPOUT1R_RMV_SHORT = 0
HPOUT1R_DLY = 0
HPOUT1R_OUTP = 0
Step 2
HPOUT1L_ENA = 0
HPOUT1R_ENA = 0
Table 25 Headphone Output Disable Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com