Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
19
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
IN1A_VOL
[2:0]
011
IN1A Volume (differential mode)
000 = -6dB
001 = -3.5dB
010 = 0dB
011 = +3.5dB
100 = +6dB
101 = +12dB
110 = +18dB
111 = +18dB
IN1A Volume (single-ended mode)
000 = 0dB
001 = +2.5dB
010 = +6dB
011 = +9.5dB
100 = +12dB
101 = +18dB
110 = +24dB
111 = +24dB
R25 (19h)
IN1 Line Input
B Volume
8
IN1_VU
N/A
IN1 Volume Update
Writing a 1 to this bit will cause IN1A and
IN1B input PGA volumes to be updated
simultaneously
7
IN1B_MUTE
1
IN1B PGA Mute
0 = Un-Mute
1 = Mute
6
IN1B_ZC
0
IN1B PGA Zero Cross Control
0 = Change gain immediately
1 = Change gain on zero cross only
2:0
IN1B_VOL
[2:0]
011
IN1B Volume (differential mode)
000 = -6dB
001 = -3.5dB
010 = 0dB
011 = +3.5dB
100 = +6dB
101 = +12dB
110 = +18dB
111 = +18dB
IN1B Volume (single-ended mode)
000 = 0dB
001 = +2.5dB
010 = +6dB
011 = +9.5dB
100 = +12dB
101 = +18dB
110 = +24dB
111 = +24dB
R26 (1Ah)
IN2 Line Input
A Volume
8
IN2_VU
N/A
Input PGA Volume Update
Writing a 1 to this bit will cause IN2A and
IN2B input PGA volumes to be updated
simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com