Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 20Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 21Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 22Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 23Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 24Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 25Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 26Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
24
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
Speaker
Volume Left
8
SPKOUT_VU
N/A
Speaker Output PGA Volume
Update
Writing a 1 to this bit will update the
SPKOUTL volume.
7
SPKOUTL_ZC
0
Speaker Output PGA Zero Cross
Control
0 = Change gain immediately
1 = Change gain on zero cross only
6
SPKOUTL_MUTE
0
Speaker Output PGA Mute
0 = Un-mute
1 = Mute
5:0
SPKOUTL_VOL [5:0]
39h
(0dB)
Speaker Output PGA Volume
-57dB to +6dB in 1dB steps
(See Table 11 for output PGA
volume control range)
Table 6 Speaker Output PGA Control
SPEAKER BOOST MIXER CONTROL
The Class D/AB speaker driver has its own boost mixer which performs a dual role.
The boost mixer allows the output from the speaker mixer or from the ‘Voice Bypass’ path to be
routed to the speaker driver. The ‘Voice Bypass’ path is the differential input, IN3+/IN3-, routed
directly to the speaker driver, providing a low power differential path from baseband voice to
loudspeakers.
It is recommended that no more than one of the available signal paths is enabled in the speaker boost
mixer at any time. The signal path configuration registers for the speaker boost mixer are described in
Table 7.
The second function of the speaker boost mixer is to provide an additional AC gain (boost) function to
shift signal levels between the HPVDD and SVDD voltage domains for maximum output power. The
AC gain (boost) function is described in the “Analogue Outputs” section.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
SPKOUT
Mixers
5
IN3_TO_SPKOUTL
0
Voice Bypass (IN3 Differential) to
Speaker Output enable
0 = Disabled
1 = Enabled
4
SPKMIXL_TO_SPKOU
TL
1
SPKMIX to Speaker Output enable
0 = Disabled
1 = Enabled
Table 7 Speaker Boost Mixer Control
HEADPHONE MIXER CONTROL
The Headphone Mixer configuration registers are described in Table 8 for the Left Channel
(MIXOUTL) and Table 9 for the Right Channel (MIXOUTR). Each of the input PGAs IN1A, IN1B, IN2A
and IN2B is independently selectable as an input to each of the Headphone Mixers.
Care should be taken when enabling more than one path to a Headphone Mixer in order to avoid
clipping. The gain of each input path is adjustable using a selectable volume control in each path to
facilitate this.
The Headphone Mixer outputs can be muted or enabled using the MIXOUTL_MUTE and
MIXOUTR_MUTE register bits. The Headphone Mixer volume is also controlled by the Headphone
Output PGAs, as defined in Table 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com