Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 36 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 36 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
36
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1 (01h)
Power
Management
(1)
3
OSC_ENA
0
CLK_SYS Oscillator Enable
0 = Disabled
1 = Enabled
R6 (06h)
Clocking 1
15
TOCLK_RATE
0
TOCLK Rate Divider (/2)
0 = f / 2
1 = f / 1
14
TOCLK_ENA
0
TOCLK Enable
0 = Disabled
1 = Enabled
R66 (42h)
Clocking 4
8
TOCLK_RATE_DIV16
0
TOCLK Rate Divider (/16)
0 = f / 1
1 = f / 16
7
TOCLK_RATE_X4
0
TOCLK Rate Multiplier
0 = f x 1
1 = f x 4
Table 16 Clocking Control
TOCLK_RATE
TOCLK_RATE_X4
TOCLK_RATE_DIV16
TOCLK
FREQ (Hz)
PERIOD (ms)
1
1
0
1000
1
0
1
0
500
2
1
0
0
250
4
0
0
0
125
8
1
1
1
62.5
16
0
1
1
31.25
32
1
0
1
15.625
64
0
0
1
7.8125
128
Table 17 TOCLK Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com