Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 39Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 40Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
37
CONTROL INTERFACE
The WM9093 is controlled by writing to registers through a 2-wire serial control interface. Readback is
available for all registers, including Chip ID and power management status.
The WM9093 is a slave device on the control interface; SCL is a clock input, while SDA is a bi-
directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same
interface, the WM9093 transmits logic 1 by tri-stating the SDA pin, rather than pulling it high. An
external pull-up resistor is required to pull the SDA line high so that the logic 1 can be recognised by
the master. Note that the control interface can support I/O levels up to 2.7V.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 7-bit device ID (this is not the same as the 8-bit address of each register in the WM9093). The
WM9093 device ID is 1101_1100 (DCh). The LSB of the device ID is the Read/Write bit; this bit is set
to logic 1 for “Read” and logic 0 for “Write”.
The WM9093 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDA while SCL remains high. This indicates that a device ID, register
address and data will follow. All devices on the 2-wire bus respond to the start condition and shift in
the next eight bits on SDA (7-bit device ID + Read/Write bit, MSB first). If the device ID received
matches the device ID of the WM9093, then the WM9093 responds by pulling SDA low on the next
clock pulse (ACK). If the device ID is not recognised or the R/W bit is ‘1’ when operating in write only
mode, the WM9093 returns to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM9093, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while SCL
remains high. After receiving a complete address and data sequence the WM9093 returns to the idle
state and waits for another start condition. If a start or stop condition is detected out of sequence at
any point during data transfer (i.e. SDA changes while SCL is high), the device returns to the idle
condition.
The WM9093 supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com