Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 27Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 28Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 29Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
31
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
AGC_CLIP_DCY [2:0]
000
AGC Anti-Clip Decay Rate
Sets the rate of AGC gain
increments after a period of clipping
000 = 120ms/6dB
001 = 480ms/6dB
010 = 820ms/6dB
011 = 1170ms/6dB
100 = 1640ms/6dB
101 = 2050ms/6dB
110 = 2730ms/6dB
111 = 4100ms/6dB
Table 13 AGC Anti-Clip Control
AGC POWER LIMITING
The second mechanism used by the AGC to monitor signal conditions is the power limit function. The
speaker output voltage is measured, and the corresponding power output is determined. The power
limiting function can be disabled using the AGC_PWR_ENA bit. It is enabled by default.
The power output threshold at which the AGC will apply attenuation is set using the AGC_PWR_THR
register. Power levels in the range 300mW and 1050mW can be selected. Note that these are RMS
power levels, assuming an 8
 speaker.
The power output threshold is also controlled by the AGC_PWR_AVG register. When
AGC_PWR_AVG = 1, then the AGC responds to the RMS power level as quoted above. When
AGC_PWR_AVG = 0, then the AGC responds to the instantaneous voltage at the speaker output.
Selecting the RMS power level is recommended, as this represents the average signal level.
When the AGC applies signal attenuation triggered by the power limit threshold, the signal gain is
reduced at a rate that is set by the AGC_PWR_ATK register. When the power limit threshold is no
longer met (due to the signal level reduction), then the AGC increases the signal gain at a rate set by
the AGC_PWR_DCY register.
Note that, when the anti-clip and power limiting thresholds are both triggered concurrently, then the
signal gain is reduced at the rate set by the AGC_CLIP_ATK register and is increased at the rate set
by AGC_PWR_DCY. These fields are defined in Table 13 and Table 14 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com