Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 71 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 71 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 67Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 68Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 69Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 70Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 71Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 72Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 73Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 74Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 75Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
71
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R84 (54h)
DC Servo 0
13
DCS_TRIG_SI
NGLE_1
0
Writing 1 to this bit selects a single DC offset correction
for HPOUT1R.
In readback, a value of 1 indicates that the DC Servo
single correction is in progress.
12
DCS_TRIG_SI
NGLE_0
0
Writing 1 to this bit selects a single DC offset correction
for HPOUT1L.
In readback, a value of 1 indicates that the DC Servo
single correction is in progress.
9
DCS_TRIG_SE
RIES_1
0
Writing 1 to this bit selects a series of DC offset
corrections for HPOUT1R.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
8
DCS_TRIG_SE
RIES_0
0
Writing 1 to this bit selects a series of DC offset
corrections for HPOUT1L.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
5
DCS_TRIG_ST
ARTUP_1
0
Writing 1 to this bit selects Start-Up DC Servo mode for
HPOUT1R.
In readback, a value of 1 indicates that the DC Servo
Start-Up correction is in progress.
4
DCS_TRIG_ST
ARTUP_0
0
Writing 1 to this bit selects Start-Up DC Servo mode for
HPOUT1L.
In readback, a value of 1 indicates that the DC Servo
Start-Up correction is in progress.
3
DCS_TRIG_DA
C_WR_1
0
Writing 1 to this bit selects DAC Write DC Servo mode
for HPOUTR.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
2
DCS_TRIG_DA
C_WR_0
0
Writing 1 to this bit selects DAC Write DC Servo mode
for HPOUTL.
In readback, a value of 1 indicates that the DC Servo
DAC Write correction is in progress.
1
DCS_ENA_CH
AN_1
0
DC Servo enable for HPOUT1R
0 = Disabled
1 = Enabled
0
DCS_ENA_CH
AN_0
0
DC Servo enable for HPOUT1L
0 = Disabled
1 = Enabled
Register 54h
DC Servo 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com