Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 30Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 31Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 32Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 33Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 34Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 35Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 36Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 37Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R34 (22h)
SPKMIXL
Attenuation
12
SPKOUT_CLASSAB
_MODE
0
Speaker Class AB Mode Enable
0 = Class D mode (for SPKMIX
source)
1 = Class AB mode (for Voice
Bypass source)
R37 (25h)
ClassD3
7
SPK_ATTN_FB
0
Speaker Amplifier Gain
0 = 0dB
1 = -12dB
Note – this bit has no effect in Class
D mode; the 0dB setting is always
implemented in Class D mode.
6
SPK_VREF_AB_CT
RL
0
Selects Reference for Speaker in
Class AB mode
0 = SVDD/2
1 = VMID
5:3
SPKOUTL_BOOST
[2:0]
000
(1.0x)
Speaker Output Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
Table 15 Speaker Mode and Boost Control
HEADPHONE OUTPUT CONFIGURATIONS
The headphone output pins HPL and HPR are driven by the headphone output PGAs. Each PGA has
its own dedicated volume control, as described in the “Output Signal Path” section. The inputs to
these PGAs come from the respective output mixers MIXOUTL or MIXOUTR.
The headphone output driver is capable of driving up to 35mW into a 16Ω load such as a stereo
headset or headphones. The outputs are ground-referenced, eliminating any requirement for AC
coupling capacitors. This is achieved by having separate positive and negative supply rails powered
by an on-chip charge pump. A DC Servo circuit removes any DC offset from the headphone outputs,
suppressing ‘pop’ noise and minimising power consumption. The Charge Pump and DC Servo are
described separately (see “Charge Pump” and “DC Servo” respectively).
The zobel network components should be connected to the headphone output pins HPL and HPR for
best audio performance in all applications. The components of the zobel network have the effect of
dampening high frequency oscillations and instabilities that can arise outside the audio band under
certain conditions. Possible sources of these instabilities include the inductive load of a headphone
coil or an active load in the form of an external line amplifier. The capacitance of lengthy cables or
PCB tracks can also lead to amplifier instability. The zobel network should comprise of a 20
 resistor
and 100nF capacitor in series with each other, as illustrated in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com