Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 58Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 59Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 60Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 61Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 62Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 63Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 64Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
61
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
IN1- pin)
5
IN2A_ENA
0
IN2A Input PGA Enable
0 = Disabled
1 = Enabled
4
IN2B_ENA
0
IN2B Input PGA Enable
0 = Disabled
1 = Enabled
(Note this is only required for single-ended input on the
IN2- pin)
Register 02h
Power Management (2)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R3 (03h)
Power
Managemen
t (3)
14
AGC_ENA
0
AGC Enable
0 = Disabled
1 = Enabled
8
SPKLVOL_EN
A
0
Speaker PGA Enable
0 = Disabled
1 = Enabled
Note that SPKMIXL and SPKLVOL are also enabled
when SPKOUTL_ENA is set.
5
MIXOUTL_EN
A
0
MIXOUTL Headphone Mixer Enable
0 = Disabled
1 = Enabled
4
MIXOUTR_EN
A
0
MIXOUTR Headphone Mixer Enable
0 = Disabled
1 = Enabled
3
SPKMIX_ENA
0
SPKMIX Speaker Mixer Enable
0 = Disabled
1 = Enabled
Register 03h
Power Management (3)
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R6 (06h)
Clocking 1
15
TOCLK_RATE
0
TOCLK Rate Divider (/2)
0 = f / 2
1 = f / 1
14
TOCLK_ENA
0
TOCLK Enable
0 = Disabled
1 = Enabled
Register 06h
Clocking 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R21 (15h)
IN3 Line
Control
0
IN3_CLAMP
1
IN3+ and IN3- input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Register 15h
IN3 Line Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com