Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 50 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 50 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 46Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 47Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 48Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
WM9093
Production Data
w
PD, March 2012, Rev 4.2
50
DC SERVO
The WM9093 provides a DC servo circuit on the headphone outputs HPOUT1L and HPOUT1R in
order to remove DC offset from these ground-referenced outputs. When enabled, the DC servo
ensures that the DC level of these outputs remains within 1mV of ground. Removal of the DC offset is
important because any deviation from GND at the output pin will cause current to flow through the
load under quiescent conditions, resulting in increased power consumption. Additionally, the presence
of DC offsets can result in audible pops and clicks at power up and power down.
The recommended usage of the DC Servo is initialised by running the default Start-Up sequence as
described in the “Control Write Sequencer” section. The default Start-Up sequence executes a series
of DC offset corrections, after which the measured offset correction is maintained on the headphone
output channels. If a different usage is required, eg. If a periodic DC offset correction is required, then
the default Start-Up sequence may be modified according to specific requirements. The relevant
control fields are described in the following paragraphs and are defined in Table 28.
DC SERVO ENABLE AND START-UP
The DC Servo circuit is enabled on HPOUT1L and HPOUT1R by setting DCS_ENA_CHAN_0 and
DCS_ENA_CHAN_1 respectively. When the DC Servo is enabled, the DC offset correction can be
commanded in a number of different ways, including single-shot and periodically recurring events.
Writing a logic 1 to DCS_TRIG_STARTUP_n initiates a series of DC offset measurements and
applies the necessary correction to the associated output; (‘n’ = 0 for Left channel, 1 for Right
channel). On completion, the headphone output will be within 1mV of AGND. This is the DC Servo
mode selected by the default Start-Up sequence. Completion of the DC offset correction triggered in
this way is indicated by the DCS_STARTUP_COMPLETE field, as described in Table 28. Typically,
this operation takes 25ms per channel.
Writing a logic 1 to DCS_TRIG_DAC_WR_n causes the DC offset correction to be set to the value
contained in the DCS_DAC_WR_VAL_n fields in Register R87. This mode is useful if the required
offset
correction
has
already
been
determined
and
stored;
it
is
faster
than
the
DCS_TRIG_STARTUP_n mode, but relies on the accuracy of the stored settings. Completion of the
DC offset correction triggered in this way is indicated by the DCS_DAC_WR_COMPLETE field, as
described in Table 28. Typically, this operation takes 2ms per channel.
When using either of the DC Servo options above, the status of the DC offset correction process is
indicated
by
the
DCS_CAL_COMPLETE
field;
this
is
the
logical
OR
of
the
DCS_STARTUP_COMPLETE and DCS_DAC_WR_COMPLETE fields.
The DC Servo control fields associated with start-up operation are described in Table 28. It is
important to note that, to minimise audible pops/clicks, the Start-Up and DAC Write modes of DC
Servo operation should be commanded as part of a control sequence which includes muting and
shorting of the headphone outputs; a suitable sequence is defined in the default Start-Up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com