Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 81 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 81 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 76Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 77Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 78Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 79Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 80Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 81Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 82Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 83Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 84Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
81
PCB LAYOUT CONSIDERATIONS
Poor PCB layout will degrade the performance and be a contributory factor in EMI, ground bounce
and resistive voltage losses. All external components should be placed as close to the WM9093
device as possible, with current loop areas kept as small as possible. Specific factors relating to
Class D loudspeaker connection are detailed below.
CLASS D LOUDSPEAKER CONNECTION
Long, exposed PCB tracks or connection wires will emit EMI. The distance between the WM9093 and
the loudspeaker should therefore be kept as short as possible. Where speakers are connected to the
PCB via a cable form, it is recommended that a shielded twisted pair cable is used. The shield should
be connected to the main system, with care taken to ensure ground loops are avoided.
Further reduction in EMI can be achieved using PCB ground (or VDD) planes and also by using
passive LC components to filter the Class D switching waveform. When passive filtering is used, low
ESR components should be chosen in order to minimise the series resistance between the WM9093
and the speaker, maximising the power efficiency.
LC passive filtering will usually be effective at reducing EMI at frequencies up to around 30MHz. To
reduce emissions at higher frequencies, ferrite beads can also be used. These should be positioned
as close to the device as possible.
These techniques for EMI reduction are illustrated in Figure 21.
Figure 21 EMI Reduction Techniques



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com