Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 49Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 50Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 51Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 52Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 53Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 54Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 55Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 56Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
53
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R84 (54h)
DC Servo 0
13
DCS_TRIG_SINGLE
_1
0
Writing 1 to this bit selects a
single DC offset correction for
HPOUT1R.
In readback, a value of 1
indicates that the DC Servo
single correction is in progress.
12
DCS_TRIG_SINGLE
_0
0
Writing 1 to this bit selects a
single DC offset correction for
HPOUT1L.
In readback, a value of 1
indicates that the DC Servo
single correction is in progress.
9
DCS_TRIG_SERIES
_1
0
Writing 1 to this bit selects a
series of DC offset corrections
for HPOUT1R.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
8
DCS_TRIG_SERIES
_0
0
Writing 1 to this bit selects a
series of DC offset corrections
for HPOUT1L.
In readback, a value of 1
indicates that the DC Servo DAC
Write correction is in progress.
R85 (55h)
DC Servo 1
11:5
DCS_SERIES_NO_
01 [6:0]
010 1010
Number of DC Servo updates to
perform in a series event.
0 = 1 updates
1 = 2 updates
...
127 = 128 updates
3:0
DCS_TIMER_PERI
OD_01 [3:0]
1010
Time between periodic updates.
Time is calculated as
0.256s x (2^PERIOD)
0000 = Off
0001 = 0.52s
1010 = 266s (4min 26s)
1111 = 8519s (2hr 22s)
Table 29 DC Servo Active Modes
DC SERVO READBACK
The current DC offset value for each Headphone output channel can be read from Registers R89 and
R90, as described in Table 30. Note that these values may form the basis of settings that are
subsequently used by the DC Servo in DAC Write mode.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R89 (59h)
DC Servo
Readback 1
7:0
DCS_DAC_WR_VA
L_1_RD
0000 0000
Readback value for HPOUT1R.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
R90 (5Ah)
DC Servo
Readback 2
7:0
DCS_DAC_WR_VA
L_0_RD
0000 0000
Readback value for HPOUT1L.
Two’s complement format.
LSB is 0.25mV.
Range is -32mV to +31.75mV
Table 30 DC Servo Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com