Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9093ECS/R Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9093ECS/R
Description  Ultra Low Power Audio Subsystem
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9093ECS/R Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9093ECS/R Datasheet HTML 11Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 12Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 13Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 14Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 15Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 16Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 17Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 18Page - Wolfson Microelectronics plc WM9093ECS/R Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
Production Data
WM9093
w
PD, March 2012, Rev 4.2
15
DEVICE DESCRIPTION
INTRODUCTION
The WM9093 is an ultra-low power, high quality audio subsystem, including a headphone and
speaker driver. Its flexible architecture is designed to interface with a wide range of analogue
components. The small 2.0 x 2.5mm footprint makes it ideal for portable applications such as mobile
handsets.
Four flexible analogue input pins allow interfacing to up to four single-ended or two differential input
sources. Connection to an external voice CODEC, FM radio, melody IC or generic line input are all
fully supported. Signal routing to the output mixers provides maximum flexibility to support a wide
variety of usage modes. An additional differential ‘Voice Bypass’ path direct to the Earpiece output
driver is also included.
Three analogue output drivers are integrated, including a high quality Class D/AB switchable speaker
driver supporting 650mW output power at 3.6V in Class D mode. In Class AB mode, the driver is
suitable for driving an earpiece via the low-power differential ‘Voice Bypass’ path. A configurable
automatic gain control (AGC) is provided on the speaker output path, to prevent clipping or power
overload at the loudspeaker.
Ground-referenced stereo headphone outputs are also provided; these are powered from an
integrated Charge Pump, enabling high quality, power efficient headphone playback. The ground-
referenced design reduces power consumption, improves bass response, and enables direct
headphone connection without any DC blocking capacitors. A DC Servo circuit is provided for DC
offset measurement and correction, thereby suppressing pops and reducing power consumption.
Internal differential signal routing and amplifier configurations have been optimised to provide the
lowest possible power consumption for a wide range of usage scenarios, including voice calls and
music playback. The speaker drivers offer low leakage and high PSRR; this enables direct connection
to a Lithium battery. The speaker driver provides eight levels of boost gain to allow output signal
levels to be maximised for many commonly-used SVDD/HPVDD combinations.
An integrated oscillator is provided to support all the WM9093 clocking requirements, including the
Class D switching clock, Headphone Charge Pump and DC Servo control.
The WM9093 is controlled via a standard 2-wire I2C interface, providing full software control of all
features, together with device register readback. The interface provides support for I/O voltages up to
2.7V. An integrated Control Write Sequencer enables automatic scheduling of control sequences;
commonly-used signal configurations may be selected using ready-programmed sequences,
including time-optimised control of the WM9093 pop suppression features. Unused circuitry can be
disabled under software control, in order to save power; low leakage currents enable extended
standby/off time in portable battery-powered applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com