Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 220 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 220 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 216Page - Microchip Technology MEC1322 Datasheet HTML 217Page - Microchip Technology MEC1322 Datasheet HTML 218Page - Microchip Technology MEC1322 Datasheet HTML 219Page - Microchip Technology MEC1322 Datasheet HTML 220Page - Microchip Technology MEC1322 Datasheet HTML 221Page - Microchip Technology MEC1322 Datasheet HTML 222Page - Microchip Technology MEC1322 Datasheet HTML 223Page - Microchip Technology MEC1322 Datasheet HTML 224Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 456 page
background image
MEC1322
DS00001719D-page 220
 2014 - 2015 Microchip Technology Inc.
16.7.1.4
WDT Interval
The WDT Interval is the time it takes for the WDT to decrements from the WDT Load Register value to 0000h. The WDT
Count Register value takes 33/32KHz_Clk seconds (ex. 33/32.768 KHz = 1.007ms) to decrement by 1 count.
16.8
EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Watchdog Timer (WDT). The
addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the
EC-Only Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
16.8.1
WDT LOAD REGISTER
16.8.2
WDT CONTROL REGISTER
TABLE 16-5:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
WDT
0
EC
32-bit internal
address space
4000_0400h
TABLE 16-6:
EC-ONLY REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
WDT Load Register
04h
WDT Control Register
08h
WDT Kick Register
0Ch
WDT Count Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
15:0 WDT Load
Writing this field reloads the Watch Dog Timer counter.
R/W
Fh
VCC1_R
ESET
Offset
04h
Bits
Description
Type
Default
Reset
Event
7:2 RESERVED
R
-
-
1 WDT Status
WDT_RST is set by hardware if the last reset of MEC1322 was
caused by an underflow of the WDT. See Section 16.7.1.3, "WDT
Reload Mechanism," on page 219 for more information.
This bit must be cleared by the EC firmware writing a ‘1’ to this bit.
Writing a ‘0’ to this bit has no effect.
R/WC
0b
VCC1_R
ESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com