Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 224 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 224 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 220Page - Microchip Technology MEC1322 Datasheet HTML 221Page - Microchip Technology MEC1322 Datasheet HTML 222Page - Microchip Technology MEC1322 Datasheet HTML 223Page - Microchip Technology MEC1322 Datasheet HTML 224Page - Microchip Technology MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 456 page
background image
MEC1322
DS00001719D-page 224
 2014 - 2015 Microchip Technology Inc.
17.8
Description
This timer block offers a simple mechanism for firmware to maintain a time base in the design. The timer may be enabled
to execute the following features:
• Programmable resolution per LSB of the counter via the Pre-scale bits in the Timer Control Register
• Programmable as either an up or down counter
• One-shot or Continuous Modes
• In one-shot mode the Auto Restart feature stops the counter when it reaches its limit and generates a level event.
• In Continuous Mode the Auto Restart feature restarts that counter from the programmed preload value and gener-
ates a pulse event.
• Counter may be reloaded, halted, or started via the Timer Control register
• Block may be reset by either a Power On Reset (POR) or via a Soft Reset.
17.9
EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Basic Timer. The addresses
of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the EC-Only
Register Base Address Table.
FIGURE 17-2:
BLOCK DIAGRAM
TABLE 17-5:
EC-ONLY REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
TIMER16 (16-bit
Timer)
0
EC
32-bit internal
address space
4000_0C00h
TIMER16 (16-bit
Timer)
1
EC
32-bit internal
address space
4000_0C20h
TIMER16 (16-bit
Timer)
2
EC
32-bit internal
address space
4000_0C40h
TIMER16 (16-bit
Timer)
3
EC
32-bit internal
address space
4000_0C60h
TIMER32 (32-bit
Timer)
0
EC
32-bit internal
address space
4000_0C80h
TIMER32 (32-bit
Timer)
1
EC
32-bit internal
address space
4000_0CA0h
Host Interface
Basic Timer
REGS
Timer Logic
Pre-Scaler
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com