Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 226 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 226 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 222Page - Microchip Technology MEC1322 Datasheet HTML 223Page - Microchip Technology MEC1322 Datasheet HTML 224Page - Microchip Technology MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology MEC1322 Datasheet HTML 229Page - Microchip Technology MEC1322 Datasheet HTML 230Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 456 page
background image
MEC1322
DS00001719D-page 226
 2014 - 2015 Microchip Technology Inc.
17.9.4
TIMER INT ENABLE REGISTER
17.9.5
TIMER CONTROL REGISTER
Offset
0Ch
Bits
Description
Type
Default
Reset
Event
31:0 Reserved
R
-
-
0 EVENT_INTERRUPT_ENABLE
This is the interrupt enable for the status EVENT_INTERRUPT bit in
the Timer Status Register
R/W
0h
Tim-
er_Reset
Offset
10h
Bits
Description
Type
Default
Reset
Event
31:16 PRE_SCALE
This is used to divide down the system clock through clock enables
to lower the power consumption of the block and allow slow timers.
Updating this value during operation may result in erroneous clock
enable pulses until the clock divider restarts.
The number of clocks per clock enable pulse is (Value + 1); a setting
of 0 runs at the full clock speed, while a setting of 1 runs at half
speed.
R/W
0h
Tim-
er_Reset
15:8 Reserved
R
-
-
7HALT
This is a halt bit. This will halt the timer as long as it is active. Once
the halt is inactive, the timer will start from where it left off.
1=Timer is halted. It stops counting. The clock divider will also be
reset.
0=Timer runs normally
R/W
0h
Tim-
er_Reset
6RELOAD
This bit reloads the counter without interrupting it operation. This will
not function if the timer has already completed (when the START bit
in this register is ‘0’). This is used to periodically prevent the timer
from firing when an event occurs. Usage while the timer is off may
result in erroneous behavior.
R/W
0h
Tim-
er_Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com