Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 229 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 229 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology MEC1322 Datasheet HTML 229Page - Microchip Technology MEC1322 Datasheet HTML 230Page - Microchip Technology MEC1322 Datasheet HTML 231Page - Microchip Technology MEC1322 Datasheet HTML 232Page - Microchip Technology MEC1322 Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 229
MEC1322
18.6
Host Interface
The registers defined for the Hibernation Timer are accessible by the various hosts as indicated in Section 18.10, "EC-
Only Registers".
18.7
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
18.7.1
POWER DOMAINS
18.7.2
CLOCK INPUTS
18.7.3
RESETS
18.8
Interrupts
This section defines the interrupt Interface signals routed to the chip interrupt aggregator.
Each instance of the Hibernation Timer in the MEC1322 can be used to generate interrupts and wake-up events when
the timer decrements to zero. The Hibernation Timer interrupt is are routed to the HTIMER bit in the GIRQ17 Source
Register.
18.9
Low Power Modes
The Hibernation Timer may be put into a low power state by the chip Power, Clocks, and Reset (PCR) circuitry.
The timer operates off of the 32KHz_Clk, and therefore will operate normally when 48 MHz Ring Oscillator is stopped.
The sleep enable inputs have no effect on the Hibernation Timer and the clock required outputs are only asserted during
register read/write cycles for as long as necessary to propagate updates to the block core.
18.10 EC-Only Registers
The registers listed in the EC-Only Register Summary table are for a single instance of the Hibernation Timer. The
addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in the
EC-Only Register Base Address Table.
TABLE 18-1:
POWER SOURCES
Name
Description
VCC1
The timer control logic and registers are all implemented on this single
power domain.
TABLE 18-2:
CLOCK INPUTS
Name
Description
32KHz_Clk
This is the clock source to the timer logic. The Pre-scaler may be used
to adjust the minimum resolution per bit of the counter.
if the main oscillator is stopped then an external 32.768kHz clock source
must be active for the Hibernation Timer to continue to operate.
TABLE 18-3:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal, which is an input to this block, resets all the logic and
registers to their initial default state.
TABLE 18-4:
INTERRUPT INTERFACE SIGNAL DESCRIPTION TABLE
Name
Direction
Description
HTIMER
Output
Signal indicating that the timer is enabled and decrements to 0. This
signal is used to generate an Hibernation Timer interrupt event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com