Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 225 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 225 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 221Page - Microchip Technology MEC1322 Datasheet HTML 222Page - Microchip Technology MEC1322 Datasheet HTML 223Page - Microchip Technology MEC1322 Datasheet HTML 224Page - Microchip Technology MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology MEC1322 Datasheet HTML 229Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 225
MEC1322
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
17.9.1
TIMER COUNT REGISTER
17.9.2
TIMER PRELOAD REGISTER
17.9.3
TIMER STATUS REGISTER
TABLE 17-6:
RUNTIME REGISTER SUMMARY
Offset
Register Name
00h
Timer Count Register
04h
Timer Preload Register
08h
Timer Status Register
0Ch
Timer Int Enable Register
10h
Timer Control Register
Offset
00h
Bits
Description
Type
Default
Reset
Event
31:0 COUNTER
This is the value of the Timer counter. This is updated by Hardware
but may be set by Firmware. If it is set while the Hardware Timer is
operating, functionality can not be maintained. When read, it is buff-
ered so single byte reads will be able to catch the full 4 byte register
without it changing.
The size of the Counter is indicated by the instance name. Bits 0 to
(size-1) are r/w counter bits. Bits 31 down to size are reserved.
Reads return 0 and writes have no effect.
R/W
0h
Tim-
er_Reset
Offset
04h
Bits
Description
Type
Default
Reset
Event
31:0 PRE_LOAD
This is the value of the Timer pre-load for the counter. This is used
by H/W when the counter is to be restarted automatically; this will
become the new value of the counter upon restart.
The size of the Pre-Load value is the same as the size of the
counter. The size of the Counter is indicated by the instance name.
Bits 0 to (size-1) are r/w pre-load bits. Bits 31 down to size are
reserved. Reads return 0 and writes have no effect.
R/W
0h
Tim-
er_Reset
Offset
08h
Bits
Description
Type
Default
Reset
Event
31:0 Reserved
R
-
-
0 EVENT_INTERRUPT
This is the interrupt status that fires when the timer reaches its limit.
This may be level or a self clearing signal cycle pulse, based on the
AUTO_RESTART bit in the Timer Control Register. If the timer is set
to automatically restart, it will provide a pulse, otherwise a level is
provided.
R/WC
0h
Tim-
er_Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com