Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 223 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 223 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 219Page - Microchip Technology MEC1322 Datasheet HTML 220Page - Microchip Technology MEC1322 Datasheet HTML 221Page - Microchip Technology MEC1322 Datasheet HTML 222Page - Microchip Technology MEC1322 Datasheet HTML 223Page - Microchip Technology MEC1322 Datasheet HTML 224Page - Microchip Technology MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 223
MEC1322
17.5.1
POWER DOMAINS
17.5.2
CLOCK INPUTS
17.5.3
RESETS
17.6
Interrupts
17.7
Low Power Modes
The Basic Timer may be put into a low power state by the chip’s Power, Clocks, and Reset (PCR) circuitry. This block
is only be permitted to enter low power modes when the block is not active.
The sleep state of this timer is as follows:
• Asleep while the block is not Enabled
• Asleep while the block is not running (start inactive).
• Asleep while the block is halted (even if running).
The block is active while start is active.
TABLE 17-1:
POWER SOURCES
Name
Description
VCC1
The timer control logic and registers are all implemented on this single
power domain.
TABLE 17-2:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
This is the clock source to the timer logic. The Pre-scaler may be used
to adjust the minimum resolution per bit of the counter.
TABLE 17-3:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset signal, which is an input to this block, resets all the logic and
registers to their initial default state.
Soft Reset
This reset signal, which is created by this block, resets all the logic and
registers to their initial default state. This reset is generated by the block
when the SOFT_RESET bit is set in the Timer Control Register register.
Timer_Reset
This reset signal, which is created by this block, is asserted when either
the VCC1_RESET or the Soft Reset signal is asserted. The VCC1_RE-
SET and Soft Reset signals are OR’d together to create this signal.
TABLE 17-4:
EC INTERRUPTS
Source
Description
TIMER_16_x
This interrupt event fires when a 16-bit timer x reaches its limit. This
event is sourced by the EVENT_INTERRUPT status bit if enabled.
TIMER_32_x
This interrupt event fires when a 32-bit timer x reaches its limit. This
event is sourced by the tEVENT_INTERRUPT status bit if enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com