Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 227 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 227 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 223Page - Microchip Technology MEC1322 Datasheet HTML 224Page - Microchip Technology MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology MEC1322 Datasheet HTML 229Page - Microchip Technology MEC1322 Datasheet HTML 230Page - Microchip Technology MEC1322 Datasheet HTML 231Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 227
MEC1322
5START
This bit triggers the timer counter. The counter will operate until it
hits its terminating condition. This will clear this bit. It should be
noted that when operating in restart mode, there is no terminating
condition for the counter, so this bit will never clear. Clearing this bit
will halt the timer counter.
Setting this bit will:
• Reset the clock divider counter.
• Enable the clock divider counter.
• Start the timer counter.
• Clear all interrupts.
Clearing this bit will:
• Disable the clock divider counter.
• Stop the timer counter.
R/W
0h
Tim-
er_Reset
4 SOFT_RESET
This is a soft reset.
This is self clearing 1 cycle after it is written.
WO
0h
Tim-
er_Reset
3 AUTO_RESTART
This will select the action taken upon completing a count.
1=The counter will automatically restart the count, using the contents
of the Timer Preload Register to load the Timer Count Register
The interrupt will be set in edge mode
0=The counter will simply enter a done state and wait for further con-
trol inputs. The interrupt will be set in level mode.
R/W
0h
Tim-
er_Reset
2 COUNT_UP
This selects the counter direction.
When the counter in incrementing the counter will saturate and trig-
ger the event when it reaches all F’s. When the counter is decre-
menting the counter will saturate when it reaches 0h.
1=The counter will increment
0=The counter will decrement
R/W
0h
Tim-
er_Reset
1 Reserved
R
-
-
0 ENABLE
This enables the block for operation.
1=This block will function normally
0=This block will gate its clock and go into its lowest power state
R/W
0h
Tim-
er_Reset
Offset
10h
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com