Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 228 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 228 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 224Page - Microchip Technology MEC1322 Datasheet HTML 225Page - Microchip Technology MEC1322 Datasheet HTML 226Page - Microchip Technology MEC1322 Datasheet HTML 227Page - Microchip Technology MEC1322 Datasheet HTML 228Page - Microchip Technology MEC1322 Datasheet HTML 229Page - Microchip Technology MEC1322 Datasheet HTML 230Page - Microchip Technology MEC1322 Datasheet HTML 231Page - Microchip Technology MEC1322 Datasheet HTML 232Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 456 page
background image
MEC1322
DS00001719D-page 228
 2014 - 2015 Microchip Technology Inc.
18.0 HIBERNATION TIMER
18.1
Introduction
The Hibernation Timer can generate a wake event to the Embedded Controller (EC) when it is in a hibernation mode.
This block supports wake events up to 2 hours in duration. The timer is a 16-bit binary count-down timer that can be
programmed in 30.5µs and 0.125 second increments for period ranges of 30.5µs to 2s or 0.125s to 136.5 minutes,
respectively. Writing a non-zero value to this register starts the counter from that value. A wake-up interrupt is generated
when the count reaches zero.
18.2
References
No references have been cited for this chapter
18.3
Terminology
No terms have been cited for this chapter.
18.4
Interface
This block is an IP block designed to be incorporated into a chip. It is designed to be accessed externally via the pin
interface and internally via a registered host interface. The following diagram illustrates the various interfaces to the
block.
18.5
Signal Description
There are no external signals for this block.
FIGURE 18-1:
HIBERNATION TIMER INTERFACE DIAGRAM
Hibernation Timer
Signal Description
Clock Inputs
Interrupts
Resets
Host Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com