Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 233 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 233 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 229Page - Microchip Technology MEC1322 Datasheet HTML 230Page - Microchip Technology MEC1322 Datasheet HTML 231Page - Microchip Technology MEC1322 Datasheet HTML 232Page - Microchip Technology MEC1322 Datasheet HTML 233Page - Microchip Technology MEC1322 Datasheet HTML 234Page - Microchip Technology MEC1322 Datasheet HTML 235Page - Microchip Technology MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 233
MEC1322
19.9
Low Power Modes
The RTC has no low-power modes. It runs continuously while the VBAT well is powered.
19.10 Description
This block provides the capabilities of an industry-standard 146818B Real-Time Clock module, excluding the CMOS
RAM and the SQW output. See the following registers, which represent enhancements to this architecture. These
enhancements are listed below.
See the Date Alarm field of Register D for a Day of Month qualifier for alarms.
See the Week Alarm Register for a Day of Week qualifier for alarms.
See the registers Daylight Savings Forward Register and Daylight Savings Backward Register for setting up hands-off
Daylight Savings adjustments.
See the RTC Control Register for enhanced control over the block’s operations.
19.11 Runtime Registers
The addresses of each register listed in this table are defined as a relative offset to the host “Base Address” defined in
Runtime Register Base Address Table.
The Base Address indicates where the first register can be accessed in a particular address space for a block instance.
Add the register’s Offset to this value to obtain the direct address of the register.
TABLE 19-5:
EC INTERRUPTS
Source
Description
RTC
This interrupt is signaled to the Interrupt Aggregator when any of the fol-
lowing events occur:
• Update complete. This is triggered, at 1-second intervals, when the
Time register updates have completed
• Alarm. This is triggered when the alarm value matches the current
time (and date, if used)
• Periodic. This is triggered at the chosen programmable rate
RTC ALARM
This wake interrupt is signaled to the Interrupt Aggregator when an Alarm
event occurs.
TABLE 19-6:
RUNTIME REGISTER BASE ADDRESS TABLE
Block Instance
Instance
Number
Host
Address Space
Base Address
RTC
0
LPC
I/O
Programmed BAR
0
EC
32-bit internal
Address Space
400F_2C00h
TABLE 19-7:
RUNTIME REGISTER SUMMARY
Offset
Register Name (Mnemonic)
00h
Seconds Register
01h
Seconds Alarm Register
02h
Minutes Register
03h
Minutes Alarm Register
04h
Hours Register
05h
Hours Alarm Register
06h
Day of Week Register
07h
Day of Month Register
08h
Month Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com