Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 235 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 235 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 231Page - Microchip Technology MEC1322 Datasheet HTML 232Page - Microchip Technology MEC1322 Datasheet HTML 233Page - Microchip Technology MEC1322 Datasheet HTML 234Page - Microchip Technology MEC1322 Datasheet HTML 235Page - Microchip Technology MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 235
MEC1322
19.11.3
MINUTES REGISTER
19.11.4
MINUTES ALARM REGISTER
19.11.5
HOURS REGISTER
Offset
02h
Bits
Description
Type
Default
Reset
Event
7:0 MINUTES
Displays the number of minutes past the current hour, in the range 0-
-59. Presentation may be selected as binary or BCD, depending on
the DM bit in Register B. Values written must also use the format
defined by the current setting of the DM bit.
R/W
00h
RTC_RS
T
Offset
03h
Bits
Description
Type
Default
Reset
Event
7:0 MINUTES_ALARM
Holds a match value, compared against the Minutes Register to trig-
ger the Alarm event. Values written to this register must use the for-
mat defined by the current setting of the DM bit in Register B. A value
of 11xxxxxxb written to this register makes it don’t-care (always
matching).
R/W
00h
RTC_R
ST
Offset
04h
Bits
Description
Type
Default
Reset
Event
7 HOURS_AM_PM
In 12-hour mode (see bit “24/12” in register B), this bit indicates AM or
PM.
1=PM
0=AM
R/W
0b
RTC_R
ST
6:0 HOURS
Displays the number of the hour, in the range 1--12 for 12-hour mode
(see bit “24/12” in register B), or in the range 0--23 for 24-hour mode.
Presentation may be selected as binary or BCD, depending on the
DM bit in Register B. Values written must also use the format defined
by the current setting of the DM bit.
R/W
00h
RTC_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com