Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 236 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 236 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 232Page - Microchip Technology MEC1322 Datasheet HTML 233Page - Microchip Technology MEC1322 Datasheet HTML 234Page - Microchip Technology MEC1322 Datasheet HTML 235Page - Microchip Technology MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 456 page
background image
MEC1322
DS00001719D-page 236
 2014 - 2015 Microchip Technology Inc.
19.11.6
HOURS ALARM REGISTER
19.11.7
DAY OF WEEK REGISTER
19.11.8
DAY OF MONTH REGISTER
19.11.9
MONTH REGISTER
Offset
05h
Bits
Description
Type
Default
Reset
Event
7:0 HOURS_ALARM
Holds a match value, compared against the Hours Register to trigger
the Alarm event. Values written to this register must use the format
defined by the current settings of the DM bit and the 24/12 bit in Reg-
ister B. A value of 11xxxxxxb written to this register makes it don’t-
care (always matching).
R/W
00h
RTC_R
ST
Offset
06h
Bits
Description
Type
Default
Reset
Event
7:0 DAY_OF_WEEK
Displays the day of the week, in the range 1 (Sunday) through 7 (Sat-
urday). Numbers in this range are identical in both binary and BCD
notation, so this register’s format is unaffected by the DM bit.
R/W
00h
RTC_R
ST
Offset
07h
Bits
Description
Type
Default
Reset
Event
7:0 DAY_OF_MONTH
Displays the day of the current month, in the range 1--31. Presenta-
tion may be selected as binary or BCD, depending on the DM bit in
Register B. Values written must also use the format defined by the
current setting of the DM bit.
R/W
00h
RTC_R
ST
Offset
08h
Bits
Description
Type
Default
Reset
Event
7:0 MONTH
Displays the month, in the range 1--12. Presentation may be selected
as binary or BCD, depending on the DM bit in Register B. Values writ-
ten must also use the format defined by the current setting of the DM
bit.
R/W
00h
RTC_R
ST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com