Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 240 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 240 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 236Page - Microchip Technology MEC1322 Datasheet HTML 237Page - Microchip Technology MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology MEC1322 Datasheet HTML 242Page - Microchip Technology MEC1322 Datasheet HTML 243Page - Microchip Technology MEC1322 Datasheet HTML 244Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 456 page
background image
MEC1322
DS00001719D-page 240
 2014 - 2015 Microchip Technology Inc.
19.11.14 REGISTER D
19.11.15 RTC CONTROL REGISTER
4 UPDATE_ENDED_INTERRUPT_FLAG
1=A Time and Date update has completed since the last time this reg-
ister was read. This bit displays status regardless of the Update-
Ended Interrupt Enable bit in Register B. Presentation of this sta-
tus indicates that the Time and Date registers will be valid and sta-
ble for over 999ms
0=A Time and Data update has not completed since the last time this
register was read
This bit is automatically cleared by every Read access to this register.
RC
0b
RTC_R
ST
3:0 Reserved
R
-
-
Offset
0Dh
Bits
Description
Type
Default
Reset
Event
7:6 Reserved
R
-
-
5:0 DATE_ALARM
This field, if set to a non-zero value, will inhibit the Alarm interrupt
unless this field matches the contents of the Month register also. If
this field contains 00h (default), it represents a don’t-care, allowing
more frequent alarms.
R/W
00h
RTC_R
ST
Offset
10h
Bits
Description
Type
Default
Reset
Event
7:4 Reserved
R
-
-
3 ALARM_ENABLE
1=Enables the Alarm features
0=Disables the Alarm features
R/W
0b
RTC_R
ST
2 Microchip Reserved
R/W
0b
RTC_R
ST
1 SOFT_RESET
A ‘1’ written to this bit position will trigger the RTC_RST reset, reset-
ting the block and all registers except this one and the Test Register.
This bit is self-clearing at the end of the reset, one cycle of LPC Bus
Clock later, and so requires no waiting.
R/W
0b
VBAT_
POR
0 BLOCK_ENABLE
This bit must be ‘1’ in order for the block to function internally. Regis-
ters may be initialized first, before setting this bit to ‘1’ to start opera-
tion.
R/W
0b
RTC_R
ST
Offset
0Ch
Bits
Description
Type
Default
Reset
Event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com