Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 242 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 242 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 238Page - Microchip Technology MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology MEC1322 Datasheet HTML 242Page - Microchip Technology MEC1322 Datasheet HTML 243Page - Microchip Technology MEC1322 Datasheet HTML 244Page - Microchip Technology MEC1322 Datasheet HTML 245Page - Microchip Technology MEC1322 Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 456 page
background image
MEC1322
DS00001719D-page 242
 2014 - 2015 Microchip Technology Inc.
19.11.18 DAYLIGHT SAVINGS BACKWARD REGISTER
This is a 32-bit register, accessible also as individual bytes. When writing as individual bytes, ensure that the DSE bit
(in Register B) is off first, or that the block is disabled or stopped (SET bit), to prevent a time update while this register
may have incompletely-updated contents.
When enabled by the DSE bit in Register B, this register defines an hour and day of the year at which the Hours register
increment will be inhibited from occurring. After triggering, this feature is automatically disabled for long enough to
ensure that it will not retrigger the second time this Hours value appears, and then this feature is re-enabled automati-
cally.
There are no don’t-care fields recognized. All fields must be already initialized to valid settings whenever the DSE bit is
‘1’.
Fields other than Week and Day of Week use the current setting of the DM bit (binary vs. BCD) to interpret the informa-
tion as it is written to them. Their values, as held internally, are not changed by later changes to the DM bit, without
subsequently writing to this register as well.
Note:
An Alarm that is set inside the hour after the time specified in this register will not be triggered, because
that one-hour period is skipped. This period includes the exact time (0 minutes: 0 seconds) given by this
register, through the 59 minutes: 59 seconds point afterward.
Offset
1Ch
Bits
Description
Type
Default
Reset
Event
31 DST_BACKWARD_AM_PM
This bit selects AM vs. PM, to match bit[7] of the Hours register if 12-
Hour mode is selected in Register B at the time of writing.
R/W
0b
RTC_R
ST
30:24 DST_BACKWARD_HOUR
This field holds the matching value for bits[6:0] of the Hours register.
The written value will be interpreted according to the 24/12 Hour
mode and DM mode settings at the time of writing.
R/W
00h
RTC_R
ST
23:19 Reserved
R
-
-
18:16 DST_BACKWARD_WEEK
This value matches an internally-maintained week number within the
current month. Valid values for this field are:
5=Last week of month
4 =Fourth week of month
3=Third week of month
2=Second week of month
1=First week of month
R/W
0h
RTC_R
ST
15:11 Reserved
R
-
-
10:8 DST_BACKWARD_DAY_OF_WEEK
This field matches the Day of Week Register bits[2:0].
R/W
0h
RTC_R
ST
7:0 DST_BACKWARD_MONTH
This field matches the Month Register.
R/W
00h
RTC_R
ST
Note:
An Alarm that is set inside the hour before the time specified in this register will be triggered twice, because
that one-hour period is repeated. This period will include the exact time (0 minutes: 0 seconds) given by
this register, through the 59 minutes: 59 seconds point afterward.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com