Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1322 Datasheet(PDF) 243 Page - Microchip Technology

Part # MEC1322
Description  Keyboard and Embedded Controller for Notebook PC
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MEC1322 Datasheet(HTML) 243 Page - Microchip Technology

Back Button MEC1322 Datasheet HTML 239Page - Microchip Technology MEC1322 Datasheet HTML 240Page - Microchip Technology MEC1322 Datasheet HTML 241Page - Microchip Technology MEC1322 Datasheet HTML 242Page - Microchip Technology MEC1322 Datasheet HTML 243Page - Microchip Technology MEC1322 Datasheet HTML 244Page - Microchip Technology MEC1322 Datasheet HTML 245Page - Microchip Technology MEC1322 Datasheet HTML 246Page - Microchip Technology MEC1322 Datasheet HTML 247Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 456 page
background image
 2014 - 2015 Microchip Technology Inc.
DS00001719D-page 243
MEC1322
20.0 GPIO INTERFACE
20.1
General Description
The MEC1322 GPIO Interface provides general purpose input monitoring and output control, as well as managing many
aspects of pin functionality; including, multi-function Pin Multiplexing Control, GPIO Direction control, PU/PD (PU_PD)
resistors, asynchronous wakeup and synchronous Interrupt Detection (int_det), GPIO Direction, and Polarity control, as
well as control of pin drive strength and slew rate.
Features of the GPIO Interface include:
• Inputs:
- Asynchronous rising and falling edge wakeup detection
- Interrupt High or Low Level
• On Output:
- Push Pull or Open Drain output
• Pull up or pull down resistor control
• Interrupt and wake capability available for all GPIOs
• Programmable pin drive strength and slew rate limiting
• Group- or individual control of GPIO data.
• Multiplexing of all multi-function pins are controlled by the GPIO interface
20.2
Power, Clocks and Reset
This section defines the Power, Clock, and Reset parameters of the block.
20.2.1
POWER DOMAINS
20.2.2
CLOCK INPUTS
20.2.3
RESETS
TABLE 20-1:
POWER SOURCES
Name
Description
VCC1
The registers and logic in this block are powered by VCC1.
TABLE 20-2:
CLOCK INPUTS
Name
Description
48 MHz Ring Oscillator
The 48 MHz Ring Oscillator is used for synchronizing the GPIO inputs.
TABLE 20-3:
RESET SIGNALS
Name
Description
VCC1_RESET
This reset is asserted when VCC1 is applied.
nSIO_RESET
This is an alternate reset condition, typically asserted when the main
power rail is asserted. This reset is used for VCC Power Well Emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com